PART |
Description |
Maker |
AP2315 AP2315R-2.5TRE1 AP2315R-3.3TRE1 |
600mA LOW DROPOUT LINEAR REGULATOR
|
BCD Semiconductor Manufacturing Limited
|
AP2317H-3.3TR AP2317H-3.3TRE1 |
600mA LOW DROPOUT LINEAR REGULATOR
|
BCD Semiconductor Manuf...
|
AMS2906 AMS2906-15 AMS2906-25 AMS2906-28 AMS2906-3 |
5.0V 600mA low dropout voltage regulator 2.85V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 1.5V 600mA low dropout voltage regulator Synchronous Presettable Binary Counters with Asynchronous Reset 16-SOIC -55 to 125 600mA的低压差稳压 600mA LOW DROPOUT VOLTAGE REGULATOR 600mA的低压差稳压 Synchronous Presettable Binary Counters with Asynchronous Reset 16-PDIP -55 to 125 3.3V 600mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
EUP7907VIR1 |
600mA High PSRR Low Dropout Linear Regulator
|
Eutech Microelectronics
|
EUP7907A EUP7907A-12JIR1 EUP7907A-12VIR1 EUP7907A- |
600mA Low Noise High PSRR Low Dropout Linear Regulator
|
Eutech Microelectronics Inc
|
ADP3308 ADP3308ART-27 ADP3308ART-285 ADP3308ART-29 |
anyCAP?/a> 50 mA Low Dropout Linear Regulator anyCAP⑩ 50 mA Low Dropout Linear Regulator anyCAP 50 mA Low Dropout Linear Regulator anyCAP50 mA Low Dropout Linear Regulator AB 9C 1#12 8#16 SKT RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-19 RoHS Compliant: No
|
AD[Analog Devices] Analog Devices, Inc.
|
AP131-20YL-13 AP131-20YL-7 AP131-18YL-13 AP131-18Y |
1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
|
Diodes, Inc. http:// Diodes Inc. DIODES[Diodes Incorporated]
|
LM8805 |
600mA CMOS Low-Dropout Linear Regulators
|
First Components Intern...
|
HEDM-6505U05 HEDS-6510010 HEDM-6505T05 HEDM-6505T0 |
64LED 16 keys User Interface LED driver, I²C Interface; QSOP-24 2 A, Low VIN Dropout, Linear Regulator; 1.1V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.5V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.2V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.8V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 0.75 V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 2.5V; 16-Lead LFCSP_VQ; -40°C to 125°C Large Diameter (56mm). Housed Two and Three Channel Optical Encoders 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 3x86 大口径(五六毫米)。外套二及中三通道光学编码 2 A, Low Dropout, CMOS Linear Regulator;2 A, Low Dropout, CMOS Linear Regulator 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 2.0x228
|
Agilent Technologies, Inc. Avago Technologies, Ltd. Atmel, Corp.
|
LR1148 LR1148L-AD-AF5-R LR1148G-AD-AF5-R |
600mA LOW DROPOUT LINEAR REGULATOR
|
Unisonic Technologies
|
G915T21U G915 G915T22B G915T22U G915T21B G915T26U |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5V 600mA Low Dropout Regulator
|
Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|
LT3009IDC-1.2-PBF LT3009IDC-1.2-TRPBF LT3009IDC-1. |
3楼矛A IQ, 20mA Low Dropout Linear Regulators 3渭A IQ, 20mA Low Dropout Linear Regulators 3μA IQ, 20mA Low Dropout Linear Regulators
|
Linear Technology
|